Part Number Hot Search : 
SUR503EF G5104 TS256MMC EP110 G1213 CP1403SN W551CXXX BD5330
Product Description
Full Text Search
 

To Download EPC3076G-6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Power Transformer
ELECTRONICS INC.
EPC3076G-X
Features of the ER 11-6 Series * Low Loss Material ensures operation in High Frequency Switching Converters such as Flyback, Buck, Boost Topology or as Coupled Inductors * Selected models can be used in Forward, Push-Pull or Half & Full Bridge Topology * Very Low Leakage Inductance * 500 Vrms Isolations
Primary Specification : For Flyback, Buck, Boost Topolgy or as Coupled Inductors
Part Number Connection DCR ( Max.) 344 xNs .344 /Np .344 .145xNs .145 /Np .145 .344 xNs .344 /Np .344 .145xNs .145 /Np .145 .344 xNs .344 /Np .344 .145xNs .145 /Np .145 .344 xNs .344 /Np .344 .145xNs .145 /Np .145 Idc (Amps) 1.35 /Ks 1.35 /Kp .55 2.08 /Ks 2.08 /Kp .85 1.35 /Ks 1.35 /Kp .55 2.08 /Ks 2.08 /Kp .85 1.35 /Ks 1.35 /Kp .55 2.08 /Ks 2.08 /Kp .85 1.35 /Ks 1.35 /Kp .55 2.08 /Ks 2.08 /Kp .85 Irms 1.35 /Ks 1.35 /Kp .55 2.08 /Ks 2.08 /Kp .85 Inductance (H 20%) @ 0 Adc 27.4 x(Ns) 2 27.4 27.4 12.2 x(Ns) 2 12.2 12.2 14.7 x(Ns) 2 14.7 14.7 6.5 x(Ns) 2 6.5 6.5 10.9 x(Ns) 2 10.9 10.9 4.9 x(Ns) 2 4.9 4.9 8.5 x(Ns) 2 8.5 8.5 3.8 x(Ns) 2 3.8 3.8 (H 30%) 201.6 x(Ns) 2 201.6 201.6 89.6 x(Ns) 2 89.6 89.6 Inductance Change @ Idc (Typ.) 14% 14% 1% 14% 14% 1% 0% 0% 0% 0% 0% 0% 0% 0% 0% 0% 0% 0% 0% 0% 0% 0% 0% 0% Vt 1 (V-Sec. Max.) 33 xNs 33 33 22 xNs 22 22 33 xNs 33 33 22 xNs 22 22 33 xNs 33 33 22 xNs 22 22 33 xNs 33 33 22 xNs 22 22 Temp. Rise @ Idc (C Typ.) 62 62 62 62 62 62 62 62 62 62 62 62 62 62 62 62 62 62 62 62 62 62 62 62 @ Irms 62 62 62 62 62 62
EPC3076G-1 EPC3076G-2 EPC3076G-3 EPC3076G-4 EPC3076G-5 EPC3076G-6 EPC3076G-7 EPC3076G-8
Series Parallel Single Wdg Series Parallel Single Wdg Series Parallel Single Wdg Series Parallel Single Wdg Series Parallel Single Wdg Series Parallel Single Wdg Series Parallel Single Wdg Series Parallel Single Wdg
Primary Specification : For Forward, Push-Pull, Half & Full Bridge Topology
EPC3076G-9 EPC3076G-10 Series Parallel Single Wdg Series Parallel Single Wdg .344 xNs .344 /Np .344 .145xNs .145 /Np .145 ------------33 xNs 33 33 22 xNs 22 22
Package ER 11-6
Marking : PCA EPC3076G-X Date Code Pin 1 I.D. .079 (2.00) .244 Max. (6.20) .028 .012 (.700) (.300) .508 Max. (12.90)
Solder Pad Layout .089 .079 (2.25) (2.00 .559 (14.20)
Schematic
Notes : 1. Ns = Number of series connections 2. Np = Number of parallel connections 3. Ks = Ns x 6/Ns 4. Kp = 6/Np 4 1 5 2 10 7 11 8 12 9 1:1:1:1:1:1
.059 (1.50) 0-8 .059 .010 (1.50) (.250) .512 Max. (13.00)
6 3
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSC3076G-X Rev. 1 3/3/03 FT
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPC3076G-6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X